PART |
Description |
Maker |
T350A224M050AT |
T350, Tantalum, MnO2 Tantalum, Commercial Grade, 0.22 uF, 20%, 50 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing= 2.54mm
|
Kemet Corporation
|
T356A105K035AT7301 |
Tantalum, MnO2 Tantalum, Commercial Grade, T356, 1 uF, 10%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing = 5.08mm
|
Kemet Corporation
|
T356G156K025AT |
T356, Tantalum, MnO2 Tantalum, Commercial Grade, 15 uF, 10%, 25 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing = 5.08mm
|
Kemet Corporation
|
T494B476K006AT |
Tantalum, MnO2 Tantalum, T494, 47 uF, 10%, 6.3 V, 3528, SMD, MnO2, Molded, Low ESR, 500 mOhms, 2.1mm
|
Kemet Corporation
|
T495D226K035ATE250-17 |
Tantalum, MnO2 Tantalum, T495, 22 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 250 mOhms, 3.1mm
|
Kemet Corporation
|
T495B106K010ATE600 |
T495, Tantalum, MnO2 Tantalum, 10 uF, 10%, 10 V, 3528, SMD, MnO2, Molded, Low ESR, 600 mOhms, Height Max = 2.1mm
|
Kemet Corporation
|
T495D226K025ATE200 |
Tantalum, MnO2 Tantalum, T495, 22 uF, 10%, 25 V, 7343, SMD, MnO2, Molded, Low ESR, 200 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T495D226K035ATE300 |
Tantalum, MnO2 Tantalum, T495, 22 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 300 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T495B226M010ATA1K5 |
Tantalum, MnO2 Tantalum, T495_Auto, 22 uF, 20%, 10 V, 3528, SMD, MnO2, Molded, Low ESR, Auto, AEC-Q200, 1.5 Ohms, Height Max = 2.1mm
|
Kemet Corporation
|
T350A105K025AT |
Tantalum, MnO2 Tantalum, Commercial Grade, T350, 1 uF, 10%, 25 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing =2.54mm
|
Kemet Corporation
|
T491D476M010AT |
Tantalum, MnO2 Tantalum, T491, 47 uF, 20%, 10 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
|